Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 16Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 17Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 18Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 19Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 20Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 21Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 22Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 23Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
AD9520-1
Rev. 0 | Page 20 of 84
Pin No.
Input/
Output
Pin
Type
Mnemonic
Description
48
O
LVPECL or
CMOS
OUT3 (OUT3A)
Clock Output. This pin can be configured as one side of a differential LVPECL
output or as a single-ended CMOS output.
50
O
LVPECL or
CMOS
OUT2 (OUT2B)
Clock Output. This pin can be configured as one side of a differential LVPECL
output or as a single-ended CMOS output.
51
O
LVPECL or
CMOS
OUT2 (OUT2A)
Clock Output. This pin can be configured as one side of a differential LVPECL
output or as a single-ended CMOS output.
52
O
LVPECL or
CMOS
OUT1 (OUT1B)
Clock Output. This pin can be configured as one side of a differential LVPECL
output or as a single-ended CMOS output.
53
O
LVPECL or
CMOS
OUT1 (OUT1A)
Clock Output. This pin can be configured as one side of a differential LVPECL
output or as a single-ended CMOS output.
55
O
LVPECL or
CMOS
OUT0 (OUT0B)
Clock Output. This pin can be configured as one side of a differential LVPECL
output or as a single-ended CMOS output.
56
O
LVPECL or
CMOS
OUT0 (OUT0A)
Clock Output. This pin can be configured as one side of a differential LVPECL
output or as a single-ended CMOS output.
58
O
Current set
resistor
RSET
Clock Distribution Current Set Resistor. Connect a 4.12 kΩ resistor from this pin
to GND.
62
O
Current set
resistor
CPRSET
Charge Pump Current Set Resistor. Connect a 5.1 kΩ resistor from this pin to GND.
This resistor can be omitted if the PLL is not used.
63
I
Reference
input
REFIN (REF2)
Along with REFIN, this is the differential input for the PLL reference. Alternatively,
this pin is a single-ended input for REF2.
64
I
Reference
input
REFIN (REF1)
Along with REFIN, this is the differential input for the PLL reference. Alternatively,
this pin is a single-ended input for REF1.
EPAD
GND
GND
The exposed die pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com