Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 80 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 80Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 81Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 82Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 83Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
AD9520-1
Rev. 0 | Page 80 of 84
Table 57. System
Reg.
Addr
(Hex) Bit(s) Name
Description
230
[3]
Disable power-on SYNC
Power-on SYNC mode. Used to disable the antiruntpulse circuitry.
[3] = 0; enable the antiruntpulse circuitry (default).
[3] = 1; disable the antiruntpulse circuitry.
230
[2]
Power-down SYNC
Powers down the SYNC function.
[2] = 0; normal operation of the SYNC function (default).
[2] = 1; power-down SYNC circuitry.
230
[1]
Power-down distribution reference
Powers down the reference for the distribution section.
[1] = 0; normal operation of the reference for the distribution section (default).
[1] = 1; powers down the reference for the distribution section.
230
[0]
Soft SYNC
The soft SYNC bit works the same as the SYNC pin, except that the polarity of the bit
is reversed; that is, a high level forces selected channels into a predetermined static
state, and a 1-to-0 transition triggers a SYNC.
[0] = 0; same as SYNC high.
[0] = 1; same as SYNC low.
Table 58. Update All Registers
Reg.
Addr
(Hex) Bit(s) Name
Description
232
[0]
IO_UPDATE
This bit must be set to 1 to transfer the contents of the buffer registers into the active registers. This happens
on the next SCLK rising edge. This bit is self-clearing; that is, it does not have to be set back to 0.
[0] = 1 (self-clearing); update all active registers to the contents of the buffer registers.
Table 59. EEPROM Buffer Segment
Reg.
Addr
(Hex) Bit(s) Name
Description
A00 to
A16
[7:0] EEPROM Buffer
Segment Register 1
to EEPROM Buffer
Segment Register 23
The EEPROM buffer segment section stores the starting address and number of bytes that are to be
stored and read back to and from the EEPROM. Because the AD9520 register space is noncontiguous,
the EEPROM controller needs to know the starting address and number of bytes in the AD9520 register
space to store and retrieve from the EEPROM. In addition, there are special instructions for the EEPROM
controller, operational codes (that is, IO_UPDATE and end-of-data) that are also stored in the EEPROM
buffer segment. The on-chip default setting of the EEPROM buffer segment registers is designed such
that all registers are transferred to/from the EEPROM, and an IO_UPDATE is issued after transfer. See the
Programming the EEPROM Buffer Segment section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com