Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 18Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 19Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 20Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 21Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 22Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 23Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 24Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 25Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
AD9520-1
Rev. 0 | Page 22 of 84
–208
–210
–212
–214
–216
–218
–220
–222
–224
0
0.4
0.8
1.2
0.2
0.6
1.0
1.4
INPUT SLEW RATE (V/ns)
DIFFERENTIAL INPUT
SINGLE-ENDED INPUT
Figure 12. PLL Figure of Merit (FOM) vs. Slew Rate at REFIN/REFIN
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
2.3
2.4
2.5
2.6
2.7
FREQUENCY (GHz)
Figure 13. VCO Tuning Voltage vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
145
140
135
130
125
120
115
110
105
FREQUENCY (MHz)
Figure 14. PFD/CP Spurs; 122.88 MHz; PFD = 15.36 MHz;
LBW = 127 kHz; ICP = 3.0 mA; fVCO = 2458 MHz (new)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
122.38
122.58
122.78
122.98
123.18
123.38
FREQUENCY (MHz)
Figure 15. Output Spectrum, LVPECL; 122.88 MHz; PFD = 15.36 MHz;
LBW = 127 kHz; ICP = 3.0 mA; fVCO = 2458 MHz (new)
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
10k
1k
100
RESISTIVE LOAD (Ω)
VS_DRV = 3.135V
VS_DRV = 2.35V
VS_DRV = 3.3V
VS_DRV = 2.5V
Figure 16. CMOS Output VOH (Static) vs. RLOAD (to Ground)
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
02
22
20
18
16
14
12
10
8
6
4
2
TIME (ns)
4
Figure 17. LVPECL Output (Differential) @ 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com