Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9520-1/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
AD9520-1
Rev. 0 | Page 43 of 84
DIVIDE BY 1,
2, 3, 4, 5, OR 6
LF
CLK/CLK
R
DIVIDER
R
DELAY
N
DIVIDER
N
DELAY
PFD
CP
LOOP
FILTER
MUX1
REG 0x01E[1] = 1
0
1
REFIN/
REFIN
REG 0x01E[0]
ZERO DELAY
INTERNAL FEEDBACK PATH
EXTERNAL FEEDBACK PATH
ZERO DELAY FEEDBACK CLOCK
CHANNEL DIVIDER 0
CHANNEL DIVIDER 1
CHANNEL DIVIDER 2
CHANNEL DIVIDER 3
OUT0 TO OUT2
OUT3 TO OUT5
OUT6 TO OUT8
OUT9 TO OUT11
AD9520
Figure 48. Zero Delay Function
ZERO DELAY OPERATION
Zero delay operation aligns the phase of the output clocks with
the phase of the external PLL reference input. There are two zero
delay modes on the AD9522: internal and external.
Internal Zero Delay Mode
The internal zero delay function of the AD9520 is achieved by
feeding the output of Channel Divider 0 back to the PLL N
divider. In Figure 48, the change in signal routing for internal
zero delay mode is shown in blue.
Set Register 0x01E[2:1] = 01b to select internal zero delay mode. In
the internal zero delay mode, the output of Channel Divider 0 is
routed back to the PLL (N divider) through Mux3 and Mux1
(feedback path shown in blue in Figure 48). The PLL synchronizes
the phase/edge of the output of Channel Divider 0 with the
phase/edge of the reference input.
Because the channel dividers are synchronized to each other,
the outputs of the channel divider are synchronous with the
reference input. Both the R delay and the N delay inside the PLL
can be programmed to compensate for the propagation delay
from the output drivers and PLL components to minimize the
phase offset between the clock output and the reference input to
achieve zero delay.
External Zero Delay Mode
The external zero delay function of the AD9520 is achieved by
feeding one clock output back to the CLK input and ultimately
back to the PLL N divider. In Figure 48, the change in signal
routing for external zero delay mode is shown in red.
Set Register 0x01E[2:1] = 11b to select the external zero delay
mode. In external zero delay mode, one of the twelve output clocks
(OUT0 to OUT11) can be routed back to the PLL (N divider)
through the CLK/CLK pins and through Mux3 and Mux1.
This feedback path is shown in red in Figure 48.
The user must specify which channel divider will be used for
external zero delay mode in order for VCO calibration to work
correctly. Channel Divider 0 is the default. Channel Divider 1,
Channel Divider 2, or Channel Divider 3 can be selected for
zero delay feedback by changing the value in Register 0x01E[4:3].
The PLL synchronizes the phase/edge of the feedback output
clock with the phase/edge of the reference input. Because the
channel dividers are synchronized to each other, the clock outputs
are synchronous with the reference input. Both the R delay and
the N delay inside the PLL can be programmed to compensate
for the propagation delay from the PLL components to minimize
the phase offset between the feedback clock and the reference input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com