Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-1/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9520-1/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-1/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9520-1/PCBZ Datasheet HTML 1Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 2Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 3Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 4Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 5Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 6Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 7Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 8Page - Analog Devices AD9520-1/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
AD9520-1
Rev. 0 | Page 5 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Crystal Oscillator
Crystal Resonator Frequency Range
16.67
33.33
MHz
Maximum Crystal Motional Resistance
30
Ω
PHASE/FREQUENCY DETECTOR (PFD)
PFD Input Frequency
100
MHz
Antibacklash pulse width = 1.3 ns, 2.9 ns
45
MHz
Antibacklash pulse width = 6.0 ns
Reference Input Clock Doubler Frequency
0.004
50
MHz
Antibacklash pulse width = 1.3 ns, 2.9 ns
Antibacklash Pulse Width
1.3
ns
0x017[1:0] = 01b
2.9
ns
0x017[1:0] = 00b; 0x017[1:0] = 11b
6.0
ns
0x017[1:0] = 10b
CHARGE PUMP (CP)
ICP Sink/Source
Programmable
High Value
4.8
mA
With CPRSET = 5.1 kΩ; higher ICP is possible by
changing CPRSET
Low Value
0.60
mA
With CPRSET = 5.1 kΩ; lower ICP is possible by
changing CPRSET
Absolute Accuracy
2.5
%
Charge pump voltage set to VCP/2
CPRSET Range
2.7
10
kΩ
ICP High Impedance Mode Leakage
1
nA
Sink-and-Source Current Matching
1
%
0.5 V < VCP < VCP − 0.5 V; VCP is the voltage on the CP (charge
pump) pin; VCP is the voltage on the VCP power supply pin
ICP vs. VCP
1.5
%
0.5 V < VCP < VCP − 0.5 V
ICP vs. Temperature
2
%
VCP = VCP/2 V
PRESCALER (PART OF N DIVIDER)
Prescaler Input Frequency
P = 1 FD
300
MHz
P = 2 FD
600
MHz
P = 3 FD
900
MHz
P = 2 DM (2/3)
600
MHz
P = 4 DM (4/5)
1000
MHz
P = 8 DM (8/9)
2400
MHz
P = 16 DM (16/17)
3000
MHz
P = 32 DM (32/33)
3000
MHz
Prescaler Output Frequency
300
MHz
A, B counter input frequency (prescaler input frequency
divided by P)
PLL N DIVIDER DELAY
Register 0x019[2:0]; see Table 53
000
Off
001
410
ps
010
530
ps
011
650
ps
100
770
ps
101
890
ps
110
1010
ps
111
1130
ps
PLL R DIVIDER DELAY
Register 0x019[5:3]; see Table 53
000
Off
001
370
ps
010
490
ps
011
610
ps
100
730
ps
101
850
ps
110
970
ps
111
1090
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com