Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 112Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 113Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 114Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 115Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 116Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 117Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 118Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 119Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 208 page
background image
116
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Table 65.
USB Global Interrupt Register - USBINT (S:BDh)
765
43210
-
-
WUPCPU
EORINT
SOFINT
-
-
SPINT
Bit Number
Bit
Mnemonic Description
7 - 6
-
Reserved
The value read from these bits is always 0. Do not change these bits.
5
WUPCPU
Wake-up CPU Interrupt
This bit is set by hardware when the USB controller is in SUSPEND state and is
re-activated by a non-idle signal FROM USB line (not by an upstream resume).
This triggers a USB interrupt when EWUPCPU is set in the Table on page 117.
When receiving this interrupt, user has to enable all USB clock inputs.
This bit should be cleared by software (USB clocks must be enabled before).
4EORINT
End of Reset Interrupt
This bit is set by hardware when End of Reset has been detected by the USB
controller. This triggers a USB interrupt when EEORINT is set in the Table on
page 117.
This bit should be cleared by software.
3SOFINT
Start Of Frame Interrupt
This bit is set by hardware when an USB Start Of Frame PID (SOF) has been
detected. This triggers a USB interrupt when ESOFINT is set in the Table on
page 117.
This bit should be cleared by software.
2-1
-
Reserved
The value read from these bits is always 0. Do not change these bits.
0SPINT
Suspend Interrupt
This bit is set by hardware when a USB Suspend (Idle bus for three frame
periods: a J state for 3 ms) is detected. This triggers a USB interrupt when
ESPINT is set in USBIEN register (Table 66 on page 117).
This bit must be cleared by software before powering the microcontroller down
as it disables the USB pads to reduce the power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com