Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 113Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 114Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 115Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 116Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 117Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 118Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 119Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 120Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 208 page
background image
117
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0001 0000b
Reset Value = 1000 0000b
Table 66.
USB Global Interrupt Enable Register - USBIEN (S:BEh)
7
6
5
43210
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT
Bit Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits is always 0. Do not change these bits.
5EWUPCPU
Enable Wake-up CPU Interrupt
Set this bit to enable Wake-up CPU Interrupt.
Clear this bit to disable Wake-up CPU Interrupt.
4
EEORINT
Enable End of Reset Interrupt
Set this bit to enable End of Reset Interrupt. This bit is set after reset.
Clear this bit to disable End of Reset Interrupt.
3ESOFINT
Enable SOF Interrupt
Set this bit to enable SOF Interrupt.
Clear this bit to disable SOF Interrupt.
2-1
-
Reserved
The value read from these bits is always 0. Do not change these bits.
0ESPINT
Enable Suspend Interrupt
Set this bit to enable Suspend Interrupts (See Table 65 on page 116).
Clear this bit to disable Suspend Interrupts.
Table 67.
USB Address Register - USBADDR (S:C6h)
765
43210
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Bit
Number
Bit
Mnemonic
Description
7FEN
Function Enable
Set this bit to enable the function. FADD is reset to 1.
Cleared this bit to disable the function.
6-0
UADD[6:0]
USB Address
This field contains the default address (0) after power-up or USB bus reset.
It should be written with the value set by a SET_ADDRESS request received by
the device firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com