Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 168 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 164Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 165Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 166Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 167Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 168Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 169Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 170Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 171Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 208 page
background image
168
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Table 107.
Interrupt Enable Register - ISEL (S:A1h)
7654
3210
CPLEV
-
PRESIT
RXIT
OELEV
OEEN
PRESEN
RXEN
Bit
Number
Bit
Mnemonic
Description
7
CPLEV
Card presence detection level
This bit indicates which CPRES level will bring about an interrupt
Set this bit to indicate that Card Presence IT will appear if CPRES is at high
level.
Clear this bit to indicate that Card Presence IT will appear if CPRES is at low
level.
6-
Reserved
The value read from this bit is indeterminate. Do not change this bit.
5
PRESIT
Card presence detection interrupt flag
Set by hardware
Must be cleared by software
4
RXIT
Received data interrupt flag
Set by hardware
Must be cleared by software
3
OELEV
INT1 signal active level
Set this bit to indicate that high level is active.
Clear this bit to indicate that low level is active.
2
OEEN
INT1 Interrupt Disable bit
Clear to disable INT1 interrupt
Set to enable INT1 interrupt
1
PRESEN
Card presence detection Interrupt Enable bit
Clear to disable the card presence detection interrupt coming from SCIB.
Set to enable the card presence detection interrupt coming from SCIB.
0
RXEN
Received data Interrupt Enable bit
Clear to disable the RxD interrupt.
Set to enable the RxD interrupt (a minimal bit width of 100
μs is required to
wake up from power-down) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com