Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 165Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 166Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 167Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 168Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 169Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 170Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 171Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 172Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 208 page
background image
169
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Interrupt Sources and
Vectors
Note:
1. Only fot AT8xC5122
Table 108.
Interrupt Vectors
Interrupt Source
Polling Priority
at Same Level
Vector
Address
Reset
0
(Highest Priority)
C:0000h
INT0
1
C:0003h
Timer 0
2
C:000Bh
INT1
3
C:0013h
Timer 1
4
C:001Bh
UART
6
C:0023h
Reserved
7
C:002Bh
Reserved
5
C:0033h
Keyboard Controller (1)
8
C:003Bh
Reserved
9
C:0043h
SPI Controller (1)
10
C:004Bh
Smart Card Controller
11
C:0053h
Reserved
12
C:005Bh
Reserved
13
C:0063h
USB Controller
14
C:006Bh
Reserved
15
(Lowest Priority)
C:0073h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com