Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5123XXX-RATUM Datasheet(PDF) 173 Page - ATMEL Corporation

Part # AT83C5123XXX-RATUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5123XXX-RATUM Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button AT83C5123XXX-RATUM Datasheet HTML 169Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 170Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 171Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 172Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 173Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 174Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 175Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 176Page - ATMEL Corporation AT83C5123XXX-RATUM Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 208 page
background image
173
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset pin
As explained in the POR section there is no need to use the reset pin as the internal
reset function at power up is ensured by the POR. Anyway, if some applications
requires a long reset, a reset controlled by the user or a reset controlled by external
superviser device, the use of the reset pin is necessary.
Long Reset
As the pad integrates an internal pull-up of 10K, only an external capacitor of at least 10
μF is required to have an impact on the reset duration.
Figure 103.
Long Reset
Reset Controlled by the User
The external capacitor is not needed if no long reset is required.
Figure 104.
Reset Controlled by the User
RST
Vcc
10 K
Internal Reset
Microcontrolleur
10 μF
RST
Vcc
10 K
Internal Reset
Microcontrolleur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com