Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548/PCBZ Datasheet(PDF) 110 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 110 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 104Page - Analog Devices AD9548/PCBZ Datasheet HTML 105Page - Analog Devices AD9548/PCBZ Datasheet HTML 106Page - Analog Devices AD9548/PCBZ Datasheet HTML 107Page - Analog Devices AD9548/PCBZ Datasheet HTML 108Page - Analog Devices AD9548/PCBZ Datasheet HTML 109Page - Analog Devices AD9548/PCBZ Datasheet HTML 110Page - Analog Devices AD9548/PCBZ Datasheet HTML 111Page - Analog Devices AD9548/PCBZ Datasheet HTML 112Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
AD9548
Rev. 0 | Page 110 of 112
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VRRD.
11.75
BSC SQ
12.00
BSC SQ
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.30
0.23
0.18
10.50
REF
0.60 MAX
0.60
MAX
6.15
6.00 SQ
5.85
0.50
BSC
0.20 REF
12° MAX
0.05 MAX
0.01 NOM
SEATING
PLANE
TOP VIEW
PIN 1
INDICATOR
EXPOSED PAD
BOTTOM VIEW
0.90
0.85
0.80
0.70
0.65
0.60
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 68. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
12 mm × 12 mm Body, Very Thin Quad
(CP-88-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9548BCPZ1
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-88-2
AD9548BCPZ-REEL71
−40°C to +85°C
88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-88-2
AD9548/PCBZ1
−40°C to +85°C
Evaluation Board
CP-88-2
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com