Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
22
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
7.2
DUART AC Electrical Specifications
Table 22 provides the AC timing parameters for the DUART interface of the device.
8
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
This section provides the AC and DC electrical characteristics for the enhanced three-speed Ethernet
controller.
8.1
Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps)—MII/RGMII/RTBI/RMII DC Electrical
Characteristics
The electrical characteristics specified here apply to media independent interface (MII), reduced gigabit
media independent interface (RGMII), reduced ten-bit interface (RTBI), reduced media independent
interface (RMII) signals, management data input/output (MDIO) and management data clock (MDC).
The MII and RMII interfaces are defined for 3.3 V, while the RGMII and RTBI interfaces can be operated
at 2.5 V. The RGMII and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface
(RGMII) Specification Version 1.3. The RMII interface follows the RMII Consortium RMII Specification
Version 1.2.
High-level output voltage,
IOH = –100 μA
VOH
OVDD – 0.2
—
V
Low-level output voltage,
IOL = 100 μA
VOL
—0.2
V
Input current,
(0 V
≤VIN ≤ OVDD)
IIN
—±30
μA
Note:
• The symbol VIN, in this case, represents the OVIN symbol referenced in Table 2.
Table 22. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
256
baud
—
Maximum baud rate
> 1,000,000
baud
1
Oversample rate
16
—
2
Notes:
1 Actual attainable baud rate will be limited by the latency of interrupt processing.
2 The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are
sampled each 16th sample.
Table 21. DUART DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com