Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
67
Serial ATA (SATA)
15.5.1
Compliance Test and Measurement Load
The AC timing and voltage parameters must be verified at the measurement point, as specified within
0.2 inches of the package pins, into a test/measurement load shown in Figure 44.
NOTE
The allowance of the measurement point to be within 0.2 inches of the
package pins is meant to acknowledge that package/board routing may
benefit from D+ and D– not being exactly matched in length at the package
pin boundary. If the vendor does not explicitly state where the measurement
point is located, the measurement point is assumed to be the D+ and D–
package pins.
Figure 44. Compliance Test/Measurement Load
16 Serial ATA (SATA)
This section describes the DC and AC electrical specifications for the serial ATA (SATA) of the
MPC8377E. Note that the external cabled applications or long backplane applications (Gen1x and Gen2x)
are not supported.
16.1
Requirements for SATA REF_CLK
The reference clock is a single ended input clock required for the SATA interface operation. The AC
requirements for the SATA reference clock are listed in the Table 53.
Table 53. SATA Reference Clock Input Requirements
Parameter
Condition
Symbol
Min
Typical
Max
Unit
Notes
SD_REF_CLK/ SD_REF_CLK
frequency range
—tCLK_REF
—
100/125/150
—
MHz
1
SD_REF_CLK/ SD_REF_CLK
clock frequency tolerance
—tCLK_TOL
–350
0
+350
ppm
—
SD_REF_CLK/ SD_REF_CLK
reference clock duty cycle
Measured at 1.6V
tCLK_DUTY
40
50
60
%
—
TX Silicon +
Package
R = 50
Ω
R = 50
Ω
C = CTX
C = CTX
D+ Package Pin
D– Package Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com