Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
86
Freescale Semiconductor
Package and Pin Listings
21.3
SerDes Transmitter and Receiver Reference Circuits
Figure 62 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 62. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section below in
this document based on the application usage:
•
Section 8, “Ethernet: Enhanced Three-Speed Ethernet (eTSEC)”
•
Section 15, “PCI Express”
•
Section 16, “Serial ATA (SATA)”
Note that an external AC coupling capacitor is required for the above three serial transmission protocols
with the capacitor value defined in specification of each protocol section.
22 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions.
22.1
Package Parameters for the MPC8377E TePBGA II
The package parameters are provided in the following list. The package type is 31 mm
× 31 mm,
689 plastic ball grid array (TePBGA II).
Package outline
31 mm
× 31 mm
Interconnects
689
Pitch
1.00 mm
Module height (typical)
2.0 mm to 2.46 mm (maximum)
Solder Balls
3.5% Ag, 96.5% Sn
Ball diameter (typical)
0.60 mm
50
Ω
50
Ω
Receiver
Transmitter
SD1_TX
n or
SD2_TX
n
SD1_TX
n or
SD2_TX
n
SD1_RX
n or
SD2_RX
n
SD1_RX
n or
SD2_RX
n
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com