Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
59
PCI Express
15.2
AC Requirements for PCI Express SerDes Clocks
Table 50 lists the PCI Express SerDes clock AC requirements.
15.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm)
of each other at all times. This is specified to allow bit rate clock sources with a ±300 ppm tolerance.
15.4
Physical Layer Specifications
Following is a summary of the specifications for the physical layer of PCI Express on this device. For
further details as well as the specifications of the transport and data link layer please use the PCI Express
Base Specification, Rev. 1.0a.
NOTE
The voltage levels of the transmitter and the receiver depend on the SerDes
control registers which should be programmed at the recommended values
for PCI Express protocol (that is, L1_nVDD = 1.0 V).
Table 50. SD_REF_CLK and SD_REF_CLK AC Requirements
Parameter
Symbol
Min
Typical
Max
Unit
Notes
REFCLK cycle time
tREF
—10
—
ns
—
REFCLK cycle-to-cycle jitter. Difference in the period of any
two adjacent REFCLK cycles.
tREFCJ
—
—
100
ps
—
REFCLK phase jitter peak-to-peak. Deviation in edge
location with respect to mean edge location.
tREFPJ
–50
—
+50
ps
—
SD_REF_CLK/_B cycle to cycle clock jitter (period jitter)
tCKCJ
—
—
100
ps
—
SD_REF_CLK/_B phase jitter peak-to-peak. Deviation in
edge location with respect to mean edge location.
tCKPJ
–50
—
+50
ps
2, 3
Note:
1 All options provide serial interface bit rate of 1.5 and 3.0 Gbps.
2 In a frequency band from 150 kHz to 15 MHz, at BER of 10-12.
3 Total peak-to-peak Deterministic Jitter “J
D” should be less than or equal to 50 ps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com