Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
30
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 14 shows the RMII receive AC timing diagram.
Figure 14. RMII Receive AC Timing Diagram
8.3
Management Interface Electrical Characteristics
The electrical characteristics specified here apply to MII management interface signals MDIO
(management data input/output) and MDC (management data clock).
Figure 15 provides the AC test load for eTSEC.
Figure 15. eTSEC AC Test Load
8.3.1
MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 2.5 V or 3.3 V. The DC electrical
characteristics for MDIO and MDC are provided in Table 30 and Table 31.
Table 30. MII Management DC Electrical Characteristics When Powered at 2.5 V
Parameter
Conditions
Symbol
Min
Max
Unit
Supply voltage (2.5 V)
—
LVDD1
2.37
2.63
V
Output high voltage
IOH = –1.0 mA
LVDD1 = Min
VOH
2.00
LVDD1 + 0.3
V
Output low voltage
IOL = 1.0 mA
LVDD1 = Min
VOL
GND – 0.3
0.40
V
Input high voltage
—
LVDD1 = Min
VIH
1.7
—
V
Input low voltage
—
LVDD1 = Min
VIL
–0.3
0.70
V
Input high current
VIN = LVDD1
IIH
—20
μA
Input low current
VIN = LVDD1
IIL
–15
—
μA
REF_CLK
RXD[1:0]
tRMRDX
tRMR
tRMRH
tRMRR
tRMRF
CRS_DV
RX_ER
tRMRDV
Valid Data
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com