Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
57
PCI
Table 49 shows the PCI AC timing specifications at 33 MHz.
Input hold from Clock
tPCIXKH
0.25
—
ns
2, 4, 6
Output Clock Skew
tPCKOSK
—0.5
ns
5
Notes:
1 Note that the symbols used for timing specifications herein follow the pattern of t
(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH
symbolizes PCI timing (PC) with respect to the time the input signals (I) reach the valid state (V) relative to the PCI_SYNC_IN
clock, tSYS, reference (K) going to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI timing (PC) with respect to
the time hard reset (R) went high (H) relative to the frame signal (F) going to the valid (V) state.
2 See the timing measurement conditions in the PCI 2.3 Local Bus Specifications.
3 For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
4 Input timings are measured at the pin.
5 PCI specifications allows 1 ns skew for 66 MHz but includes the total allowed skew, board, connectors, etc.
6 Value does not comply with the PCI 2.3 Local Bus Specifications.
Table 49. PCI AC Timing Specifications at 33 MHz
PCI_SYNC_IN clock input levels are with next levels: VIL = 0.1
× OVDD, VIH = 0.7×OVDD.
Parameter
Symbol1
Min
Max
Unit
Notes
Clock to output valid
tPCKHOV
—11
ns
2
Output hold from Clock
tPCKHOX
2—
ns
2
Clock to output high impedance
tPCKHOZ
—14
ns
2, 3
Input setup to Clock
tPCIVKH
3.0
—
ns
2, 4
Input hold from Clock
tPCIXKH
0.25
—
ns
2, 4, 6
Output Clock skew
tPCKOSK
—0.5
ns
5
Note:
1 Note that the symbols used for timing specifications herein follow the pattern of t
(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH
symbolizes PCI timing (PC) with respect to the time the input signals (I) reach the valid state (V) relative to the PCI_SYNC_IN
clock, tSYS, reference (K) going to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI timing (PC) with respect to
the time hard reset (R) went high (H) relative to the frame signal (F) going to the valid (V) state.
2 See the timing measurement conditions in the PCI 2.3 Local Bus Specifications.
3 For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
4 Input timings are measured at the pin.
5 PCI specifications allows 2 ns skew for 33 MHz but includes the total allowed skew, board, connectors, etc.
6 Value does not comply with the PCI 2.3 Local Bus Specifications.
Table 48. PCI AC Timing Specifications at 66 MHz (continued)
PCI_SYNC_IN clock input levels are with next levels: VIL = 0.1
×OVDD, VIH = 0.7×OVDD.
Parameter
Symbol1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com