Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
23
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.1.1
MII, RMII, RGMII, and RTBI DC Electrical Characteristics
MII and RMII drivers and receivers comply with the DC parametric attributes specified in Table 23 and
Table 24. The RGMII and RTBI signals in Table 24 are based on a 2.5 V CMOS interface voltage as
defined by JEDEC EIA/JESD8-5.
Table 23. MII and RMII DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD1
LVDD2
3.13
3.47
V
Output high voltage
(LVDD1/LVDD2 = Min, IOH = –4.0 mA)
VOH
2.40
LVDD1/LVDD2 + 0.3
V
—
Output low voltage
(LVDD1/LVDD2 = Min, IOL = 4.0 mA)
VOL
GND
0.50
V
—
Input high voltage
VIH
2.0
LVDD1/LVDD2 + 0.3
V
—
Input low voltage
VIL
–0.3
0.90
V
—
Input high current
(VIN = LVDD1, VIN = LVDD2)
IIH
—30
μA
Input low current
(VIN = GND)
IIL
–600
—
μA—
Note:
1. LVDD1 supports eTSEC 1.
LVDD2 supports eTSEC 2.
Table 24. RGMII and RTBI DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 2.5 V
LVDD1
LVDD2
2.37
2.63
V
1, 2
Output high voltage
(LVDD1/LVDD2 = Min, IOH = –1.0 mA)
VOH
2.00
LVDD1/LVDD2 + 0.3
V
—
Output low voltage
(LVDD1/LVDD2 = Min, IOL = 1.0 mA)
VOL
GND – 0.3
0.40
V
—
Input high voltage
VIH
2.0
LVDD1/LVDD2 + 0.3
V
—
Input low voltage
VIL
–0.3
0.70
V
—
Input high current
(VIN = LVDD1, VIN = LVDD2)
IIH
—–20
μA1, 2
Input low current
(VIN = GND)
IIL
–20
—
μA—
Note:
1 LV
DD1 supports eTSEC 1.
2 LV
DD2 supports eTSEC 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com