Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
85
High-Speed Serial Interfaces (HSSI)
occurs in the 1–15 MHz range. The source impedance of the clock driver should be 50
Ω to match the
transmission line and reduce reflections which are a source of noise to the system.
Table 70 describes some AC parameters common to PCI Express and SATA protocols.
Figure 60. Differential Measurement Points for Rise and Fall Time
Figure 61. Single-Ended Measurement Points for Rise and Fall Time Matching
Table 70. SerDes Reference Clock Common AC Parameters
At recommended operating conditions with XVDD_SRDS or XVDD_SRDS = 1.0 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Rising Edge Rate
Rise Edge Rate
1.0
4.0
V/ns
2, 3
Falling Edge Rate
Fall Edge Rate
1.0
4.0
V/ns
2, 3
Differential Input High Voltage
VIH
200
—
mV
2
Differential Input Low Voltage
VIL
—
–200
mV
2
Rising edge rate (SD
n_REF_CLK) to falling edge rate
(SD
n_REF_CLK) matching
Rise-Fall Matching
—
20
%
1, 4
Note:
1 Measurement taken from single ended waveform.
2 Measurement taken from differential waveform.
3 Measured from –200 mV to +200 mV on the differential waveform (derived from SDn_REF_CLK minus SDn_REF_CLK). The
signal must be monotonic through the measurement region for rise and fall time. The 400 mV measurement window is
centered on the differential zero crossing. See Figure 60.
4 Matching applies to rising edge rate for SDn_REF_CLK and falling edge rate for SDn_REF_CLK. It is measured using a
200 mV window centered on the median cross point where SDn_REF_CLK rising meets SD
n_REF_CLK falling. The median
cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The Rise Edge
Rate of SD
n_REF_CLK should be compared to the Fall Edge Rate of SDn_REF_CLK, the maximum allowed difference
should not exceed 20% of the slowest edge rate. See Figure 61.
VIH = +200 mV
0.0 V
VIL = –200 mV
SD
n_REF_CLK
Minus
SD
n_REF_CLK
Rise Edge Rate
Fall Edge Rate
TFALL TRISE
SD
n_REF_CLK
VCROSS MEDIAN
SD
n_REF_CLK
SD
n_REF_CLK
VCROSS MEDIAN
SD
n_REF_CLK
VCROSS MEDIAN –100 mV
VCROSS MEDIAN +100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com