Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
44
Freescale Semiconductor
Enhanced Secure Digital Host Controller (eSDHC)
Figure 26 provides the eSDHC clock input timing diagram.
Figure 26. eSDHC Clock Input Timing Diagram
Input hold times: SD_CMD, SD_DAT
x, SD_CD to
SD_CLK
tSFSIXKH
0—
ns
2
SD_CLK delay within device
tINT_CLK_DLY
1.5
—
ns
4
Output valid: SD_CLK to SD_CMD, SD_DAT
x valid
tSFSKHOV
—4
ns
2
Output hold: SD_CLK to SD_CMD, SD_DAT
x valid
tSFSKHOX
0—
—
—
SD card input setup
tISU
5—
ns
3
SD card input hold
tIH
5—
ns
3
SD card output valid
tODLY
—14
ns
3
SD card output hold
tOH
0—
ns
3
Notes:
1 The symbols used for timing specifications herein follow the pattern of t
(first three letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first three letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tSFSIXKH
symbolizes eSDHC full mode speed device timing (SFS) input (I) to go invalid (X) with respect to the clock reference (K) going
to high (H). Also tSFSKHOV symbolizes eSDHC full speed timing (SFS) for the clock reference (K) to go high (H), with respect
to the output (O) going valid (V) or data output valid time. Note that, in general, the clock reference symbol representation is
based on five letters representing the clock of a particular functional. For rise and fall times, the latter convention is used with
the appropriate letter: R (rise) or F (fall).
2 Measured at capacitive load of 40 pF.
3 For reference only, according to the SD card specifications.
4 Average, for reference only.
Table 41. eSDHC AC Timing Specifications for Full-Speed Mode (continued)
At recommended operating conditions OVDD = 3.3 V ± 165 mV.
Parameter
Symbol 1
Min
Max
Unit
Notes
eSDHC
tSFSCKR
External Clock
VM
VM
VM
tSFSCK
tSFSCKF
VM = Midpoint Voltage (OVDD/2)
operational mode
tSFSCKL
tSFSCKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com