Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
73
GPIO
18 GPIO
This section describes the DC and AC electrical specifications for the GPIO of the MPC8377E.
18.1
GPIO DC Electrical Characteristics
Table 64 provides the DC electrical characteristics for the device GPIO.
18.2
GPIO AC Timing Specifications
Table 65 provides the GPIO input and output AC timing specifications.
Figure 47 provides the AC test load for the GPIO.
Figure 47. GPIO AC Test Load
19 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins of the
MPC8377E.
Table 64. GPIO DC Electrical Characteristics
This specification applies when operating at 3.3 V ± 165 mV supply.
Parameter
Condition
Symbol
Min
Max
Unit
Output high voltage
IOH = –6.0 mA
VOH
2.4
—
V
Output low voltage
IOL = 6.0 mA
VOL
—0.5
V
Output low voltage
IOL = 3.2 mA
VOL
—0.4
V
Input high voltage
—
VIH
2.0
OVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
0 V
≤ VIN ≤ OVDD
IIN
—± 30
μA
Table 65. GPIO Input AC Timing Specifications
Parameter
Symbol
Min
Unit
GPIO inputs—minimum pulse width
tPIWID
20
ns
Note:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of SYS_CLKIN. Timings
are measured at the pin.
2. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to ensure proper operation.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com