Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
19
DDR1 and DDR2 SDRAM
6.2.2
DDR1 and DDR2 SDRAM Output AC Timing Specifications
Table 20 shows the DDR1 and DDR2 SDRAM output AC timing specifications.
Table 20. DDR1 and DDR2 SDRAM Output AC Timing Specifications
Parameter
Symbol1
Min
Max
Unit
Notes
MCK
n cycle time, MCKn/MCKn crossing
tMCK
510
ns
2
ADDR/CMD output setup with respect to MCK
400 MHz data rate
333 MHz data rate
266 MHz data rate
200 MHz data rate
tDDKHAS
1.95
2.40
3.15
4.20
—
—
—
—
ns
3, 7
ADDR/CMD output hold with respect to MCK
400 MHz data rate
333 MHz data rate
266 MHz data rate
200 MHz data rate
tDDKHAX
1.95
2.40
3.15
4.20
—
—
—
—
ns
3, 7
MCS
n output setup with respect to MCK
400 MHz data rate
333 MHz data rate
266 MHz data rate
200 MHz data rate
tDDKHCS
1.95
2.40
3.15
4.20
—
—
—
—
ns
3
MCS
n output hold with respect to MCK
400 MHz data rate
333 MHz data rate
266 MHz data rate
200 MHz data rate
tDDKHCX
1.95
2.40
3.15
4.20
—
—
—
—
ns
3
MCK to MDQS skew
tDDKHMH
–0.6
0.6
ns
4, 8
MDQ//MDM output setup with respect to MDQS
400 MHz data rate
333 MHz data rate
266 MHz data rate
200 MHz data rate
tDDKHDS,
tDDKLDS
550
800
1100
1200
—
—
—
—
ps
5, 8
MDQ//MDM output hold with respect to MDQS
400 MHz data rate
333 MHz data rate
266 MHz data rate
200 MHz data rate
tDDKHDX,
tDDKLDX
700
800
1100
1200
—
—
—
—
ps
5, 8
MDQS preamble start
tDDKHMP
–0.5
× tMCK –0.6
–0.5
× tMCK + 0.6
ns
6, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com