Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
33
Local Bus
9.2
USB AC Electrical Specifications
Table 34 describes the general timing parameters of the USB interface of the device.
Figure 17 and Figure 18 provide the AC test load and signals for the USB, respectively.
Figure 17. USB AC Test Load
Figure 18. USB Interface Timing Diagram
10 Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8377E.
Table 34. USB General Timing Parameters (ULPI Mode Only)
Parameter
Symbol 1
Min
Max
Unit
USB clock cycle time
tUSCK
15
—
ns
Input setup to USB clock—all inputs
tUSIVKH
4—
ns
input hold to USB clock—all inputs
tUSIXKH
1—
ns
USB clock to output valid—all outputs
tUSKHOV
—7
ns
Output hold from USB clock—all outputs
tUSKHOX
2—
ns
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Output Signals
tUSKHOV
USBDR_CLK
Input Signals
tUSIXKH
tUSIVKH
tUSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com