Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
77
High-Speed Serial Interfaces (HSSI)
Using this waveform, the definitions are as follows. To simplify illustration, the following definitions
assume that the SerDes transmitter and receiver operate in a fully symmetrical differential signaling
environment.
•
Single-Ended Swing
The transmitter output signals and the receiver input signals SDn_TX, SDn_TX, SDn_RX and
SDn_RX each have a peak-to-peak swing of A – B volts. This is also referred as each signal wire’s
single-ended swing.
•
Differential Output Voltage, VOD (or Differential Output Swing):
The differential output voltage (or swing) of the transmitter, VOD, is defined as the difference of
the two complimentary output voltages: VSDn_TX – VSDn_TX. The VOD value can be either positive
or negative.
•
Differential Input Voltage, VID (or Differential Input Swing):
The differential input voltage (or swing) of the receiver, VID, is defined as the difference of the two
complimentary input voltages: VSDn_RX – VSDn_RX. The VID value can be either positive or
negative.
•
Differential Peak Voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal
is defined as differential peak voltage, VDIFFp = |A – B| volts.
•
Differential Peak-to-Peak, VDIFFp-p
Since the differential output signal of the transmitter and the differential input signal of the receiver
each range from A – B to –(A – B) volts, the peak-to-peak value of the differential transmitter
output signal or the differential receiver input signal is defined as differential peak-to-peak voltage,
VDIFFp-p =2 × VDIFFp = 2 × |(A – B)| volts, which is twice of differential swing in amplitude, or
twice of the differential peak. For example, the output differential peak-peak voltage can also be
calculated as VTX-DIFFp-p = 2 × |VOD|.
•
Differential Waveform
The differential waveform is constructed by subtracting the inverting signal (SDn_TX, for
example) from the non-inverting signal (SDn_TX, for example) within a differential pair. There is
only one signal trace curve in a differential waveform. The voltage represented in the differential
waveform is not referenced to ground. Refer to Figure 60 as an example for differential waveform.
•
Common Mode Voltage, Vcm
The common mode voltage is equal to one half of the sum of the voltages between each conductor
of a balanced interchange circuit and ground. In this example, for SerDes output,
Vcm_out =(VSDn_TX +VSDn_TX) ÷ 2=(A + B) ÷ 2, which is the arithmetic mean of the two
complimentary output voltages within a differential pair. In a system, the common mode voltage
may often differ from one component’s output to the other’s input. Sometimes it may be even
different between the receiver input and driver output circuits within the same component. It is also
referred as the DC offset in some occasion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com