Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
68
Freescale Semiconductor
Serial ATA (SATA)
Figure 45 shows the SATA reference clock timing waveform.
Figure 45. SATA Reference Clock Timing Waveform
16.2
Transmitter (Tx) Output Characteristics
This section discusses the Gen1i/1.5G and Gen2i/3G transmitter output characteristics for the SATA
interface.
16.2.1
Gen1i/1.5G Transmitter Specifications
Table 54 provides the DC differential transmitter output DC characteristics for the SATA interface at
Gen1i or 1.5 Gbits/s transmission.
SD_REF_CLK/ SD_REF_CLK
cycle to cycle Clock jitter (period
jitter)
Cycle-to-cycle at
ref clock input
tCLK_CJ
—
—
100
ps
—
SD_REF_CLK/ SD_REF_CLK total
reference clock jitter, phase jitter
(peak-peak)
Peak-to-peak jitter
at ref clock input
tCLK_PJ
–50
—
+50
ps
2, 3
Note:
1 Only 100/125/150 MHz have been tested, othe in between values will not work correctly with the rest of the system.
2 In a frequency band from 150 kHz to 15 MHz at BER of 10-12.
3 Total peak to peak Deterministic Jitter "D
J" should be less than or equal to 50 ps.
Table 54. Gen1i/1.5G Transmitter (Tx) DC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Tx differential output voltage
VSATA_TXDIFF
400
500
600
mVp-p
1
Tx differential pair impedance
ZSATA_TXDIFFIM
85
100
115
Ω
—
Note:
1 Terminated by 50 Ω load.
Table 53. SATA Reference Clock Input Requirements (continued)
Parameter
Condition
Symbol
Min
Typical
Max
Unit
Notes
TH
TL
Ref_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com