Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
55
I
2C
Figure 37 provides the AC test load for the I2C.
Figure 37. I2C AC Test Load
Figure 38 shows the AC timing diagram for the I2C bus.
Figure 38. I2C Bus AC Timing Diagram
Data hold time
CBUS compatible masters
I2C bus devices
tI2DXKL
—
0
—
0.9
μs2, 3
Setup time for STOP condition
tI2PVKH
0.6
—
μs—
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
μs—
Noise margin at the LOW level for each connected device (including
hysteresis)
VNL
0.1
× OVDD
—V
—
Noise margin at the HIGH level for each connected device (including
hysteresis)
VNH
0.2
× OVDD
—V
—
Note:
1 The symbols used for timing specifications herein follow the pattern of t
(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH symbolizes I
2C timing
(I2) with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C clock reference (K) going to the
high (H) state or setup time. Also, tI2SXKL symbolizes I
2C timing (I2) for the time that the data with respect to the start condition
(S) went invalid (X) relative to the tI2C clock reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I
2C
timing (I2) for the time that the data with respect to the stop condition (P) reaching the valid state (V) relative to the tI2C clock
reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
2 MPC8377E provides a hold time of at least 300 ns for the SDA signal (referred to the V
IHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
3 The maximum t
I2DVKH has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal.
Table 46. I2C AC Electrical Specifications (continued)
All values refer to VIH (min) and VIL (max) levels (see Table 45).
Parameter
Symbol1
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com