Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
10
Freescale Semiconductor
Electrical Characteristics
2.1.3
Output Driver Characteristics
Table 4 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
2.2
Power Sequencing
The device requires its power rails to be applied in a specific sequence in order to ensure proper device
operation. During the power ramp up, before the power supplies are stable and if the I/O voltages are
supplied before the core voltage, there may be a period of time that all input and output pins will actively
be driven and cause contention and excessive current. To avoid actively driving the I/O pins and to
eliminate excessive current draw, apply the core voltages (VDD and AVDD) before the I/O voltages and
assert PORESET before the power supplies fully ramp up. VDD and AVDD must reach 90% of their
nominal value before GVDD, LVDD, and OVDD reach 10% of their value, see Figure 3. I/O voltage
supplies, GVDD, LVDD, and OVDD do not have any ordering requirements with respect to one another.
Figure 3. Power-Up Sequencing Example
Table 4. Output Drive Capability
Driver Type 1
1
Specialized SerDes output capabilities are described in the relevant sections of these specifications (such as PCI Express and
SATA)
Output Impedance (
Ω)
Supply Voltage
Local bus interface utilities signals
45
LBVDD = 2.5 V, 3.3 V
40
LBVDD = 1.8 V
PCI signals
25
OVDD = 3.3 V
DDR1 signal
18
GVDD = 2.5 V
DDR2 signal
18
GVDD = 1.8 V
eTSEC 10/100/1000 signals
45
LVDD = 2.5 V, 3.3 V
DUART, system control, I2C, JTAG, SPI, and USB
45
OVDD = 3.3 V
GPIO signals
45
OVDD = 3.3 V
t
90%
V
Core Voltage (VDD, AVDD)
I/O Voltage (GVDD, LVDD, and OVDD)
0
0.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com