Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
14
Freescale Semiconductor
RESET Initialization
4.2
AC Electrical Characteristics
The primary clock source for the device can be one of two inputs, CLKIN or PCI_CLK, depending on
whether the device is configured in PCI host or PCI agent mode. Table 8 provides the clock input
(CLKIN/PCI_CLK) AC timing specifications for the device.
5
RESET Initialization
This section describes the DC and AC electrical specifications for the reset initialization timing and
electrical requirements of the MPC8377E.
5.1
RESET DC Electrical Characteristics
Table 9 provides the DC electrical characteristics for the RESET pins of the device.
Table 8. CLKIN AC Timing Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
CLKIN/PCI_CLK frequency
fCLKIN
25
—
66.666
MHz
1, 6
CLKIN/PCI_CLK cycle time
tCLKIN
15
—
40
ns
—
CLKIN/PCI_CLK rise and fall time
tKH, tKL
0.6
1.0
2.3
ns
2
CLKIN/PCI_CLK duty cycle
tKHK/tCLKIN
40
—
60
%
3
CLKIN/PCI_CLK jitter
—
—
—
± 150
ps
4, 5
Notes:
1 Caution: The system, core and security block must not exceed their respective maximum or minimum operating frequencies.
2 Rise and fall times for CLKIN/PCI_CLK are measured at 0.4 V and 2.7 V.
3 Timing is guaranteed by design and characterization.
4 This represents the total input jitter-short term and long term-and is guaranteed by design.
5 The CLKIN/PCI_CLK driver’s closed loop jitter bandwidth should be <500 kHz at -20 dB. The bandwidth must be set low to
allow cascade-connected PLL-based devices to track CLKIN drivers with the specified jitter.
6 Spread spectrum is allowed up to 1% down-spread on CLKIN/PCI_CLK up to 60 KHz.
Table 9. RESET Pins DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD + 0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
——
± 30
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Note:
• This table applies for pins PORESET and HRESET. The PORESET is input pin, thus stated output voltages are not relevant.
• HRESET and SRESET are open drain pin, thus VOH is not relevant for these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com