Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRANDA Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRANDA Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8377ECVRANDA Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
12
Freescale Semiconductor
Power Characteristics
Table 6 shows the estimated typical I/O power dissipation for the device.
Table 6. MPC8377E Typical I/O Power Dissipation
Interface
Parameter
GVDD
(1.8 V)
GVDD/LBVDD
(2.5 V)
OVDD
(3.3 V)
LVDD
(3.3 V)
LVDD
(2.5 V)
L[1,2]_
nVDD
(1.0 V)
Unit
Comments
DDR I/O
65%
utilization
2 pair of
clocks
200 MHz data
rate, 32-bit
0.28
0.35
—
—
—
—
W
—
200 MHz data
rate, 64-bit
0.41
0.49
—
—
—
—
W
266 MHz data
rate, 32-bit
0.31
0.4
—
—
—
—
W
266 MHz data
rate, 64-bit
0.46
0.56
—
—
—
—
W
300 MHz data
rate, 32-bit
0.33
0.43
—
—
—
—
W
300 MHz data
rate, 64-bit
0.48
0.6
—
—
—
—
W
333 MHz data
rate, 32-bit
0.35
0.45
—
—
—
—
W
333 MHz data
rate, 64-bit
0.51
0.64
—
—
—
—
W
400 MHz
data rate,
32-bit
0.38
—
—
—
—
—
W
400 MHz
data rate,
64-bit
0.56
—
—
—
—
—
W
PCI I/O
Load =
30 pf
33 MHz,
32-bit
—
—
0.04
—
—
—
W
—
66 MHz,
32-bit
—
—
0.07
—
—
—
W
Local Bus
I/O
Load =
25 pf
167 MHz,
32-bit
0.09
0.17
0.29
—
—
—
W
—
133 MHz,
32-bit
0.07
0.14
0.24
—
—
—
W
83 MHz,
32-bit
0.05
0.09
0.15
—
—
—
W
66 MHz,
32-bit
0.04
0.07
0.13
—
—
—
W
50 MHz,
32-bit
0.03
0.06
0.1
—
—
—
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com