Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 24Page - Infineon Technologies AG TLE8201R Datasheet HTML 25Page - Infineon Technologies AG TLE8201R Datasheet HTML 26Page - Infineon Technologies AG TLE8201R Datasheet HTML 27Page - Infineon Technologies AG TLE8201R Datasheet HTML 28Page - Infineon Technologies AG TLE8201R Datasheet HTML 29Page - Infineon Technologies AG TLE8201R Datasheet HTML 30Page - Infineon Technologies AG TLE8201R Datasheet HTML 31Page - Infineon Technologies AG TLE8201R Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
28
2006-06-07
Electrical Characteristics OUT3, 4 (Driver for deadbolt, mirror fold and mirror xy)
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
Static Drain-source ON-Resistance
4.4.14 High- and low-side switch
R
DSON34
––
0.4
Ω
I
OUT = ±1 A;
T
j = 25 °C
––
0.7
Ω
I
OUT = ±1 A
Switching Times
4.4.15 high-side ON delay-time
t
dONH34
–
50
100
µs
V
S = 14 V,
resistive load of
14
Ω, see
Figure 11and
Figure 12
4.4.16 high-side OFF delay time
t
dOFFH34
–25
50
µs
4.4.17 low-side ON delay-time
t
dONL34
–
50
100
µs
4.4.18 low-side OFF delay time
t
dOFFL34
–25
50
µs
4.4.19 dead-time H to L
t
DHL34
3–
–
µs
t
dONL34 -
t
dOFFH34
4.4.20 dead-time L to H
t
DLH34
3–
–
µs
t
dONH34 -
t
dOFFL34
Short Circuit Protection
4.4.21 Over-current shutdown
threshold
I
SD34
3
4
8
A
high- and low-
side
4.4.22 Shutdown delay time
t
dSD34
10
25
50
µs
4.4.23 Short Circuit current1)
1) Not subject to production test - specified by design
I
SC34
–6
–A
Open Load Detection
4.4.24 Detection current
I
OCD34
12
25
40
mA
low-side
4.4.25 Delay time
t
dOC34
200
350
600
µs
Leakage Current
4.4.26 OFF-state output current
I
QL
––
10
µA
V
OUT = 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com