Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 3Page - Infineon Technologies AG TLE8201R Datasheet HTML 4Page - Infineon Technologies AG TLE8201R Datasheet HTML 5Page - Infineon Technologies AG TLE8201R Datasheet HTML 6Page - Infineon Technologies AG TLE8201R Datasheet HTML 7Page - Infineon Technologies AG TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TLE 8201R
Electrical Characteristics
Data Sheet Rev. 2.0
7
2006-06-07
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction
under fault conditions described in the data sheet. Fault conditions are
considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
3.1.1
Supply voltage
V
S
-0.3
40
V
–
3.1.2
Logic supply Voltage
V
CC
-0.3
5.5
V
–
3.1.3
Logic input- and output
Voltages
-0.3
5.5
V
–
3.1.4
Voltage at GO-pin
V
GO
-16
V
S + 5 V
–
3.1.5
Junction temperature
T
j
-40
150
°C–
3.1.6
Storage temperature
T
stg
-50
150
°C–
3.1.7
ESD capability of power
stage output and
V
S
pins
V
ESD
–
4
kV
Human Body Model
according to ANSI
EOS\ESD S5.1
standard (eqv. to
MIL STD 883D and
JEDEC JESD22-
A114)
3.1.8
ESD capability of logic
pins and ISO pin
V
ESD
–2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com