Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 37Page - Infineon Technologies AG TLE8201R Datasheet HTML 38Page - Infineon Technologies AG TLE8201R Datasheet HTML 39Page - Infineon Technologies AG TLE8201R Datasheet HTML 40Page - Infineon Technologies AG TLE8201R Datasheet HTML 41Page - Infineon Technologies AG TLE8201R Datasheet HTML 42Page - Infineon Technologies AG TLE8201R Datasheet HTML 43Page - Infineon Technologies AG TLE8201R Datasheet HTML 44Page - Infineon Technologies AG TLE8201R Datasheet HTML 45Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
TLE 8201R
Application Description
Data Sheet Rev. 2.0
42
2006-06-07
Figure 21
Application example with mirror-fold
OUT2
Vs
Vcc
INH
CSN
CLK
DI
DO
PWM1
PWM2
ISO
GO
CP
GND
OUT1
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
M
mainlock
M
mirror fold
M
mirror-x
M
mirror-y
mirror heat
Rsense
700
10nF
To5V supply
Vbat
47uF //
2x 100nF
3.3nF
<40V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com