Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 36Page - Infineon Technologies AG TLE8201R Datasheet HTML 37Page - Infineon Technologies AG TLE8201R Datasheet HTML 38Page - Infineon Technologies AG TLE8201R Datasheet HTML 39Page - Infineon Technologies AG TLE8201R Datasheet HTML 40Page - Infineon Technologies AG TLE8201R Datasheet HTML 41Page - Infineon Technologies AG TLE8201R Datasheet HTML 42Page - Infineon Technologies AG TLE8201R Datasheet HTML 43Page - Infineon Technologies AG TLE8201R Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
40
2006-06-07
4.7
Logic In- and Outputs
The threshold specifications of the logic inputs are compatible to both 5V and 3.3V
standard CMOS micro controller outputs. The logic output DO is a 5V CMOS output
4.7.1
Electrical Characteristics
Electrical Characteristics Diagnostics
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
Inhibit Input
4.7.15 H-input voltage threshold
V
IH
–
–2V
V
IN rising
4.7.16 L-input voltage threshold
V
IL
1
––V
V
IN falling
4.7.17 Hysteresis of input voltage
V
IHY
100
–
600
mV
–
4.7.18 Pull down current
I
IINH
––
50
µA
V
IINH = 2 V
Logic Inputs DI, CLK, CSN, PWM1 and PWM2
4.7.19 H-input voltage threshold
V
IH
–
–2V
V
IN rising
4.7.20 L-input voltage threshold
V
IL
1
––V
V
IN falling
4.7.21 Hysteresis of input voltage
V
IHY
100
–
600
mV
–
4.7.22 Pull up current at pin CSN
I
ICSN
-50
-25
-10
µA
V
CSN = 1 V
4.7.23 Pull down current at pins
PWM1, PWM2, DI, CLK
I
Input
10
25
50
µA
V
Input = 2 V
4.7.24 Input capacitance at pin CSN,
DI, CLK, PWM1, PWM21)
1) Not subject to production test, specified by design
C
I
–10
15
pF
0 V <
V
CC <
5.25 V
Logic Output DO
4.7.25 H-output voltage level
V
DOH
V
CC -
1.0
V
CC -
0.7
–V
I
SDOH = 1 mA
4.7.26 L-output voltage level
V
DOL
–0.2
0.4
V
I
SDOL = -1.6 mA
4.7.27 Tri-state leakage current
I
DOLK
-10
–
10
µA
V
CSN = VCC
0V <
V
SDO <
V
CC
4.7.28 Tri-state input capacitance1)
C
DO
–10
15
pF
V
CSN = VCC
0 V <
V
CC <
5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com