Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 7Page - Infineon Technologies AG TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG TLE8201R Datasheet HTML 12Page - Infineon Technologies AG TLE8201R Datasheet HTML 13Page - Infineon Technologies AG TLE8201R Datasheet HTML 14Page - Infineon Technologies AG TLE8201R Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
11
2006-06-07
4.2
Monitoring Functions
4.2.1
Power Supply Monitoring
The power supply Voltage
V
S is monitored for over- and under voltage.
• Under Voltage
If the supply voltage
V
S drops below the switch off voltage VUV OFF, all output
transistors are switched off and the power supply fail bit PSF is set. The error is not
latched, i.e. if
V
S rises again and reaches the switch on voltage VUV ON, the power
stages are restarted and the error bit is reset.
• Over Voltage
If the supply voltage
V
S rises above the switch off voltage VOV OFF, all output
transistors are switched off and the power supply fail bit (bit 7 of the SPI diagnosis
word) is set. The error is not latched, i.e. if
V
S falls again and reaches the switch on
voltage
V
OV ON, the power stages are restarted and the error is reset.
4.2.1.1
Characteristics Power Supply Monitoring
Electrical Characteristics
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.2.1
UV-Switch-ON voltage
V
UVON
––
5.2
V
V
S increasing
4.2.2
UV-Switch-OFF voltage
V
UVOFF
4.0
–
5.0
V
V
S decreasing
4.2.3
UV-ON/OFF-Hysteresis
V
UVHY
–0.25
–
V
V
UVON - VUVOFF
4.2.4
OV-Switch-OFF voltage
V
OVOF
F
21
–
25
V
V
S increasing
4.2.5
OV-Switch-ON voltage
V
OVON
20
–
24
V
V
S decreasing
4.2.6
OV-ON/OFF-Hysteresis
V
OVHY
0.5
1–V
V
OVOFF -
V
OVON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com