Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 17Page - Infineon Technologies AG TLE8201R Datasheet HTML 18Page - Infineon Technologies AG TLE8201R Datasheet HTML 19Page - Infineon Technologies AG TLE8201R Datasheet HTML 20Page - Infineon Technologies AG TLE8201R Datasheet HTML 21Page - Infineon Technologies AG TLE8201R Datasheet HTML 22Page - Infineon Technologies AG TLE8201R Datasheet HTML 23Page - Infineon Technologies AG TLE8201R Datasheet HTML 24Page - Infineon Technologies AG TLE8201R Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
21
2006-06-07
4.3.4.1
Error-Flag
In addition to the 16 bits transferred from the TLE 7201R to the SPI master, an additional
Error Flag (EF) is transmitted at the DO pin. The EF status is shown on the DO pin after
CSN H->L, before the first rising edge at CLK, as shown in Figure 6.
The Error flag is set to H if any of the Status Registers contains an error message (i.e.
EF = EF_00 or EF_01 or EF_10 or EF_11)
.
Figure 6
Error Flag transmission on DO during standard SPI transmission
(top), or without additional SPI transmission, CLK low (bottom)
4.3.5
Electrical Characteristics
Electrical Characteristics - SPI-timing
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.3.1 CSN lead time
t
lead
100
ns
11)
4.3.2 CSN lag time
t
lag
100
ns
21)
4.3.3 Fall time for CSN, CLK, DI,
DO
t
f
––
25
ns
31)
4.3.4 Rise time for CSN, CLK,
DI, DO
t
r
––
25
ns
41)
DO
Z
EF
bit15
bit14
bit13
bit12
CLK
CSN
DO
ZEF
Z
CLK
CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com