Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG TLE8201R Datasheet HTML 12Page - Infineon Technologies AG TLE8201R Datasheet HTML 13Page - Infineon Technologies AG TLE8201R Datasheet HTML 14Page - Infineon Technologies AG TLE8201R Datasheet HTML 15Page - Infineon Technologies AG TLE8201R Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
12
2006-06-07
4.2.2
Temperature Monitoring
Temperature sensors are integrated in the power stages. The temperature monitoring
circuit compares the measured temperature to the warning and shutdown thresholds. If
one or more temperature sensors reach the warning temperature, the temperature
warning bit TW is set to HIGH. This bit is not latched (i.e. if the temperature falls below
the warning threshold (with hysteresis), the TW bit is reset to LOW again).
If one or more temperature sensors reach the shut-down temperature, the outputs are
shut down as described in the next paragraph and the temperature shut-down bit TSD
is set to HIGH. The shutdown is latched (i.e. the output stages remain off and the TSD
bit set high until a SRR command is sent or a power-on reset is performed).
The power-stages are subdivided into two groups for over-temperature shut-down:
• Group1: OUT 1, OUT 2 and OUT 3
• Group2: OUT 4 to 11
If one or more temperature sensors within a group reaches the shutdown threshold, all
outputs within the group are switched off, while the other outputs continue normal
operation.
4.2.2.1
Characteristics Temperature Monitoring
Electrical Characteristics
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.2.7
Thermal warning junction
temperature1)
1) Not subject to production test, specified by design
T
jW
120
145
170
°C–
4.2.8
Temperature warning
hysteresis1)
∆T
–30
–
K
–
4.2.9
Thermal shutdown junction
temperature1)
T
jSD
150
175
200
°C–
4.2.10 Thermal switch-on junction
temperature1)
T
jSO
120
–
170
°C–
4.2.11 Temperature shutdown
hysteresis1)
∆T
–30
–
K
–
4.2.12 Ratio of SD to W temperature1)
T
jSD /
T
jW
1.05
1.20
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com