Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 4Page - Infineon Technologies AG TLE8201R Datasheet HTML 5Page - Infineon Technologies AG TLE8201R Datasheet HTML 6Page - Infineon Technologies AG TLE8201R Datasheet HTML 7Page - Infineon Technologies AG TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG TLE8201R Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TLE 8201R
Electrical Characteristics
Data Sheet Rev. 2.0
8
2006-06-07
3.2
Operating Range
Note: Within the functional range the IC operates as described in the circuit description.
The electrical characteristics are specified within the limit given at the table.
3.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
3.2.1
Supply voltage
V
S
5
40
V
Including over-
voltage lockout
3.2.2
Supply voltage
V
S
5
20
V
Functional
3.2.3
Supply voltage
V
S
820
V
Parameter
Specification
3.2.4
Logic supply voltage
V
CC
4.75
5.5
V
–
3.2.5
SPI clock frequency
f
CLK
–2
MHz
–
3.2.6
Junction temperature
T
j
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
min.
max.
3.3.1
Junction pin
R
thjC
–1.5
K/W
–
3.3.2
Junction ambient
R
thjA
–
50
K/W
minimal footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com