Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 18Page - Infineon Technologies AG TLE8201R Datasheet HTML 19Page - Infineon Technologies AG TLE8201R Datasheet HTML 20Page - Infineon Technologies AG TLE8201R Datasheet HTML 21Page - Infineon Technologies AG TLE8201R Datasheet HTML 22Page - Infineon Technologies AG TLE8201R Datasheet HTML 23Page - Infineon Technologies AG TLE8201R Datasheet HTML 24Page - Infineon Technologies AG TLE8201R Datasheet HTML 25Page - Infineon Technologies AG TLE8201R Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
22
2006-06-07
Figure 7
Timing Diagram
4.3.6
PWM inputs
The PWM inputs PWM1 and PWM2 are direct power stage control inputs that can be
used to switch on and off one or more of the power transistors with a PWM signal
supplied to this pin. The setting of the SPI Registers CtrlReg_01 and CtrlReg_11 defines
which of the power stages will be controlled by the PWM inputs. If the selection-bits of
4.3.5 DI data setup time
t
SU
40
–
–
ns
51)
4.3.6 DI data hold time
t
h
40
–
–
ns
61)
4.3.7 DI data valid time
t
v
––
50
ns
–1)
4.3.8 DO data setup time
t
DOsetup
0
–
60
ns
7 and 81)
4.3.9 DO data hold time
t
DOhold
50
–
–
ns
91)
4.3.10 No-data-time between SPI
commands
t
nodata
5–
–
µs101)
4.3.11 Clock frequency
f
CL
––
2MHz 1)
4.3.12 Duty cycle of incoming
clock at CLK
–40
–
60
%
–1)
1) SPI Timing is not subject to production test - specified by design. SPI functional test is performed at 5 MHz CLK
frequency. Timing specified with an external load of 30pF at pin [DO].
Electrical Characteristics - SPI-timing
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
CSN
CLK
DI
DO
3
4
not defined
MSB
LSB
Flag
MSB
LSB
1
8
7
5
2
9
10
6
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com