Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG TLE8201R Datasheet HTML 12Page - Infineon Technologies AG TLE8201R Datasheet HTML 13Page - Infineon Technologies AG TLE8201R Datasheet HTML 14Page - Infineon Technologies AG TLE8201R Datasheet HTML 15Page - Infineon Technologies AG TLE8201R Datasheet HTML 16Page - Infineon Technologies AG TLE8201R Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
13
2006-06-07
4.2.3
Current Sense
A current proportional to the output current that flows from the selected power output to
GND is provided at the ISO (I sense out) pin. The output selection is done via the SPI.
The sense current can be transformed into a voltage by an external sense resistor and
provided to an A/D converter input (see section application).
4.2.3.1
Characteristics Current Sense
Electrical Characteristics
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
HS1, HS2 (Register IS = 000, 001)
4.2.13 Output voltage range
V
ISO12
0
–3V
V
CC = 5 V
4.2.14 Current Sense Ratio
k
ILIS12
–
2000
–
–
k
ILIS = IOUT/IISO
I
OUT > 3 A
4.2.15 Current Sense accuracy
k
ILISacc
12
––
10
%
4.2.16 Matching
∆k
ILIS1
2
-6
12%
∆k
ILIS12 = (kILIS1
-
k
ILIS2) / kILIS1
HS3, HS4 (Register IS = 010, 011)
4.2.17 Output voltage range
V
ISO34
0
–3V
V
CC = 5 V
4.2.18 Current Sense Ratio
k
ILIS34
–
1000
–
–
k
ILIS = IOUT/IISO
I
OUT > 1.5 A
4.2.19 Current Sense accuracy
k
ILISacc
––
10
%
HS7 (Register IS = 100)
4.2.20 Output voltage range
V
ISO7
0
–3V
V
CC = 5 V
4.2.21 Current Sense Ratio for HS7
k
ILIS7
–
2000
–
–
k
ILIS = IOUT/IISO
I
OUT > 2A
4.2.22 Current Sense accuracy
k
ILISacc
––
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com