Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 19Page - Infineon Technologies AG TLE8201R Datasheet HTML 20Page - Infineon Technologies AG TLE8201R Datasheet HTML 21Page - Infineon Technologies AG TLE8201R Datasheet HTML 22Page - Infineon Technologies AG TLE8201R Datasheet HTML 23Page - Infineon Technologies AG TLE8201R Datasheet HTML 24Page - Infineon Technologies AG TLE8201R Datasheet HTML 25Page - Infineon Technologies AG TLE8201R Datasheet HTML 26Page - Infineon Technologies AG TLE8201R Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
23
2006-06-07
power Stage x, xsel1 and xsel2 are LOW, the power stage x is controlled only via the SPI
control bit xON. If the selection bit xsel1 is HIGH and the control bit xON is also high, the
power stage x is controlled by the PWM1 pin (xsel2 and PWM2, respectively). The
behavior is shown in the pricipal schematic and truth table below. In terms of power
dissipation due to switching loss, a PWM frequency below 200 Hz is recommended.
Figure 8
PWM input and SPI control registers
OUT x
PWM1
&
&
S
P
I
CLK
DO
DI
CSN
Gate
driver
xON
xsel1
1
x
∈ {LS1, LS2, LS3, HS7, HS8, HS9,
HS10, HS11}
PWM2
1
xsel2
&
>=1
control logic of power transistor x
power
transistor x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com