Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 2Page - Infineon Technologies AG TLE8201R Datasheet HTML 3Page - Infineon Technologies AG TLE8201R Datasheet HTML 4Page - Infineon Technologies AG TLE8201R Datasheet HTML 5Page - Infineon Technologies AG TLE8201R Datasheet HTML 6Page - Infineon Technologies AG TLE8201R Datasheet HTML 7Page - Infineon Technologies AG TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG TLE8201R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TLE 8201R
Pin Configuration
Data Sheet Rev. 2.0
6
2006-06-07
13
DI
Serial Data Input; Receives serial data from the master when
the chip is selected by CSN=LOW. Data transmission is
synchronized by CLK. Data are accepted on the falling edge of
CLK. The LSB is transferred first. The DI-pin has an internal pull-
down current source.
14
GO
Gate Out; Charge pump output to drive the gate of external n-
channel MOS-FET for reverse polarity protection
16, 17
OUT1
Power-Output of half-bridge 1; DMOS half-bridge.
20, 21
OUT2
Power-Output of half-bridge 2; DMOS half-bridge.
22
OUT3
Power-Output of half-bridge 3; DMOS half-bridge
24
OUT11
Power Output of high-side switch 11; DMOS high-side switch
25
OUT10
Power Output of high-side switch 10; DMOS high-side switch
27
CP
Charge Pump; pin for optional external charge-pump reservoir
capacitor. 3.3 nF to Vs is recommended
28
OUT9
Power-Output of high-side switch 9; DMOS high-side switch
29
OUT8
Power-Output of high-side switch 8; DMOS high-side switch
31, 32
OUT7
Power Output of high-side switch 7; DMOS high-side switch
34
OUT4
Power-Output of half-bridge 4; DMOS half-bridge
35
n.c.
Not connected
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com