Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 31Page - Infineon Technologies AG TLE8201R Datasheet HTML 32Page - Infineon Technologies AG TLE8201R Datasheet HTML 33Page - Infineon Technologies AG TLE8201R Datasheet HTML 34Page - Infineon Technologies AG TLE8201R Datasheet HTML 35Page - Infineon Technologies AG TLE8201R Datasheet HTML 36Page - Infineon Technologies AG TLE8201R Datasheet HTML 37Page - Infineon Technologies AG TLE8201R Datasheet HTML 38Page - Infineon Technologies AG TLE8201R Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
35
2006-06-07
4.6
Power-Outputs 8 - 11 (Lamp drivers)
Outputs 8 - 11 are a high-side switches intended to drive ohmic loads 5W or 10W lamp
(bulb) loads.
4.6.1
Protection and Diagnosis
4.6.1.1
Short Circuit of Output to Ground
The high-side switches are protected against short to GND.
The high-side switches Out 8 - 11 are protected against short to GND.
Short Circuit during switch-on
During switch-on of an output a current an voltage level is used to check for a short
circuit. If a switch is turned on and the short circuit condition is valid after
t
dSDon8 the
output transistor is turned off and the corresponding diagnosis bit is set. A short circuit
condition is valid if the current rises above the shutdown threshold
I
SD8 and the voltage
at the output stays below VSD8. During the delay time, the current is limited to ISC8 as
shown in Figure 16
Figure 16
Short circuit protection during switch-on
tdSDon8
ISC8
ISD8
I
OUT
OUT 8...11
short toGND
t
V
OUT
V
SD8
V
OUT
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com