Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE8201R Datasheet HTML 1Page - Infineon Technologies AG TLE8201R Datasheet HTML 2Page - Infineon Technologies AG TLE8201R Datasheet HTML 3Page - Infineon Technologies AG TLE8201R Datasheet HTML 4Page - Infineon Technologies AG TLE8201R Datasheet HTML 5Page - Infineon Technologies AG TLE8201R Datasheet HTML 6Page - Infineon Technologies AG TLE8201R Datasheet HTML 7Page - Infineon Technologies AG TLE8201R Datasheet HTML 8Page - Infineon Technologies AG TLE8201R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Data Sheet Rev. 2.0
1
2006-06-07
Door Module Power IC
TLE 8201R
Data Sheet Rev. 2.0
Features
• Full bridge (150m
Ω) for main doorlock motor
• Two half-bridges (400m
Ω) for deadbolt and mirror
position motor or mirror fold motor
• Two half-bridges (800m
Ω) for mirror position
• High-side switch (100m
Ω) for mirror defrost
• Four high-side switches (500m
Ω) for 5W and 10W
lamps
• Current sense analog output with multiplex
• All outputs with short circuit protection and diagnosis
• Over-temperature protection with warning
• Open load diagnosis for all outputs
• Charge pump-Output for n-channel MOS-FET reverse-polarity protection
• Very low current consumption in sleep mode
• Standard 16-bit SPI for control and diagnosis
• Over-and Undervoltage Lockout
• Power-SO package with full-size heatslug for excellent low thermal resistance
Functional Description
The TLE 8201R is an Application Specific Standard Product for automotive door-module
applications. It includes all the power stages necessary to drive the loads in a typical front
door application, i.e. central lock, deadlock or mirror fold, mirror position, mirror defrost
and 5W or 10W lamps, e.g for turn signal, courtesy/warning or control panel illumination.
It is designed as a monolithic circuit in Infineons mixed technology SPT which combines
bipolar and CMOS control circuitry with DMOS power devices.
Short circuit and over-temperature protection and a detailed diagnosis are in line with the
safety requirements of automotive applications. The current sense output allows to
improve the total system performance. The standard SPI interface saves microcontroller
I/O lines while still giving flexible control of the power stages and a detailed diagnosis.
Type
Ordering Code
Package/Shipment
TLE 8201R
-
PG-DSO-36-27


Similar Part No. - TLE8201R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8203E INFINEON-TLE8203E Datasheet
672Kb / 33P
Mirror Power IC
Rev. 1.0, February 2009
TLE8203E INFINEON-TLE8203E Datasheet
32Kb / 1P
Material Content Data Sheet
4. September 2015
TLE8203E INFINEON-TLE8203E_15 Datasheet
32Kb / 1P
Material Content Data Sheet
4. September 2015
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
More results

Similar Description - TLE8201R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP102 TOSHIBA-TLP102_05 Datasheet
250Kb / 6P
PHOTO-IC Intelligent Power Module Signal Isolation
logo
STMicroelectronics
AN2334 STMICROELECTRONICS-AN2334 Datasheet
587Kb / 22P
Complete car door module
19-Sep-2013
logo
ON Semiconductor
NCV7707 ONSEMI-NCV7707 Datasheet
253Kb / 38P
Door-Module Driver-IC
May, 2014 ??Rev. 2
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
Door-Module Driver-IC
March, 2018 ??Rev. 4
logo
Shindengen Electric Mfg...
MR1000 SHINDENGEN-MR1000 Datasheet
418Kb / 3P
(MR1xxx) IC module for partial resonance power
logo
STMicroelectronics
L99UDL01 STMICROELECTRONICS-L99UDL01 Datasheet
635Kb / 24P
Automotive universal door lock IC
02-May-2019
logo
ON Semiconductor
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
Door-Module Driver-IC
January, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com