Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 27Page - Infineon Technologies AG TLE8201R Datasheet HTML 28Page - Infineon Technologies AG TLE8201R Datasheet HTML 29Page - Infineon Technologies AG TLE8201R Datasheet HTML 30Page - Infineon Technologies AG TLE8201R Datasheet HTML 31Page - Infineon Technologies AG TLE8201R Datasheet HTML 32Page - Infineon Technologies AG TLE8201R Datasheet HTML 33Page - Infineon Technologies AG TLE8201R Datasheet HTML 34Page - Infineon Technologies AG TLE8201R Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
31
2006-06-07
4.5
Power-Output 7 (Mirror heater driver)
Output 7 is a high-side switch intended to drive ohmic loads like the heater of an exterior
mirror.
4.5.1
Protection and Diagnosis
4.5.1.1
Short Circuit of Output to Ground
If the high-side switch is turned on and the current rises above the shutdown threshold
I
SD for longer than the shutdown delay time tdSD, the output transistor is turned off and
the corresponding diagnosis bit is set. During the delay time, the current is limited to
I
SC
as shown in Figure 13.
Figure 13
Short circuit protection
The output stage stays off and the error bit set until a status register reset is sent to the
SPI or a power-on reset is performed.
4.5.1.2
Open Load
For the high-side switches, an open-load in OFF-state scheme is used as shown in
Figure 14. The output is pulled up by a current source
I
OpL. In OFF-state, the output
voltage is monitored and compared to the threshold
V
OpL. If the voltage rises above this
threshold, the open-load signal is set to high. This is equivalent to comparing the load
resistance to the value
V
OpL / IOpL. The open load error bit is latched and can be reset
by the SPI status register reset or by a power-on reset.
The pull-up current can be switched on and off by the OpLxON bits. This bit should be
set to LOW (i.e. pull-up current switched off) if an output is used to drive LEDs because
they may emit light if biased with the pull-up current.
tdSD
ISC
ISD
I
OUT
OUT7
short toGND
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com