Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 32Page - Infineon Technologies AG TLE8201R Datasheet HTML 33Page - Infineon Technologies AG TLE8201R Datasheet HTML 34Page - Infineon Technologies AG TLE8201R Datasheet HTML 35Page - Infineon Technologies AG TLE8201R Datasheet HTML 36Page - Infineon Technologies AG TLE8201R Datasheet HTML 37Page - Infineon Technologies AG TLE8201R Datasheet HTML 38Page - Infineon Technologies AG TLE8201R Datasheet HTML 39Page - Infineon Technologies AG TLE8201R Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
36
2006-06-07
Short Circuit in On-state
If a switch is already on and the current rises above the shutdown threshold
I
SD for
longer than the shutdown delay time
t
dSD the output transistor is turned off and the
corresponding diagnosis bit is set. This is independent of the voltage Vout. See
Figure 17
Figure 17
Short circuit protection in on-state
4.6.1.2
Open Load
For the high-side switches, an open-load in OFF-state scheme is used as shown in
Figure 18. The output is pulled up by a current source
I
OpL. In OFF-state, the output
voltage is monitored and compared to the threshold
V
OpL. If the voltage rises above this
threshold, the open-load signal is set to high. This is equivalent to comparing the load
resistance to the value
V
OpL / IOpL. The open load error bit is latched and can be reset
by the SPI status register reset or by a power-on reset.
The pull-up current can be switched on and off by the OpLxON bits. This bit should be
set to LOW (i.e. pull-up current switched off) if an output is used to drive LEDs because
they may emit light if biased with the pull-up current.
t
dSD8
ISC8
ISD8
I
OUT
OUT 8...11
short toGND
t
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com