Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 10Page - Infineon Technologies AG TLE8201R Datasheet HTML 11Page - Infineon Technologies AG TLE8201R Datasheet HTML 12Page - Infineon Technologies AG TLE8201R Datasheet HTML 13Page - Infineon Technologies AG TLE8201R Datasheet HTML 14Page - Infineon Technologies AG TLE8201R Datasheet HTML 15Page - Infineon Technologies AG TLE8201R Datasheet HTML 16Page - Infineon Technologies AG TLE8201R Datasheet HTML 17Page - Infineon Technologies AG TLE8201R Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
14
2006-06-07
4.3
SPI
4.3.1
General
The SPI is used for bidirectional communication with a control unit. The TLE 8201R acts
as SPI-slave and the control unit acts as SPI-master. The 16-bit control word is read via
the DI serial data input. The status word appears synchronously at the DO serial data
output. The communication is synchronized by the serial clock input CLK.
Standard data transfer timing is shown in Figure 3. The clock polarity is data valid on
falling edge. CLK must be low during CSN transition. The transfer is MSB first.
The transmission cycle begins when the chip is selected with the chip-select-not (CSN)
input (H to L). Then the data is clocked through the shift register. The transmission ends
when the CSN input changes from L to H and the word which has been read into the shift
register becomes the control word. The DO output switches then to tristate status,
thereby releasing the DO bus circuit for other uses. The SPI allows to parallel multiple
SPI devices by using multiple CSN lines. The SPI can also be used with other SPI-
devices in a daisy-chain configuration.
Figure 3
SPI standard data transfer timing
4.3.2
Register Address
The 16-bit SPI frame is composed of an addressable block, an address-independent
block and a 2-bit address as shown in Figure 4.
The control word transmitted from the master to the TLE 7201R is executed at the end
of the SPI transmission (CSN L -> H) and remains valid until a different control word is
transmitted or a power on reset occurs. At the beginning of the SPI transmission (CSN
0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
DI
CLK
CSN
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
DO
CSN High to Low & rising edge of SCLK: SDO is enabled. Status information is transfered to Output Shift Register
CSN Low to High: Data from Shift-Register is transfered to Output Driver Logic
previous Status
actual Data
SDI: Data will be accepted on the falling edge of CLK-Signal
SDO: State will change on the rising edge of CLK-Signal
time
14
15
15
15 14
14
new Data
actual Status
EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com