Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8201R Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE8201R
Description  Door Module Power IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8201R Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE8201R Datasheet HTML 29Page - Infineon Technologies AG TLE8201R Datasheet HTML 30Page - Infineon Technologies AG TLE8201R Datasheet HTML 31Page - Infineon Technologies AG TLE8201R Datasheet HTML 32Page - Infineon Technologies AG TLE8201R Datasheet HTML 33Page - Infineon Technologies AG TLE8201R Datasheet HTML 34Page - Infineon Technologies AG TLE8201R Datasheet HTML 35Page - Infineon Technologies AG TLE8201R Datasheet HTML 36Page - Infineon Technologies AG TLE8201R Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
TLE 8201R
Data Sheet Rev. 2.0
33
2006-06-07
4.5.2
Electrical Characteristics
Electrical Characteristics OUT 7 (mirror heater driver)
8 V <
V
S < 20 V; 4.75 V < VCC < 5.25 V; INH = High; all outputs open;
-40
°C < T
j < 150 °C; unless otherwise specified
Pos. Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
Static Drain-source ON-Resistance
4.5.1
High-side switch
R
DSON7
–
–
100
m
Ω
I
OUT = 2.5 A;
T
j = 25 °C
–
–
170
m
Ω
I
OUT = 2.5 A
Switching Times
4.5.2
Turn-ON delay time
t
dONH7
–5
15
µs
V
S = 14 V,
resistive load of
10
Ω, see
Figure 15
4.5.3
Output rise-time
t
rise7
–15
40
µs
4.5.4
Turn-OFF delay time
t
dOFFH7
–20
40
µs
4.5.5
Output fall-time
t
fall7
–5
10
µs
Short Circuit Protection
4.5.6
Over-current shutdown
threshold
I
SD7
6.25
8
11
A
–
4.5.7
Shutdown delay time
t
dSD7
10
25
50
µs–
4.5.8
Short Circuit current1)
1) Not subject to production test - specified by design
I
SC7
–12
–
A
–
Open Load Detection
4.5.9
Pull-up current
I
OpL
100
–
300
µA
V
OUT = 4V
4.5.10 Detection Threshold
V
OpL
2–
4V
–
4.5.11 Delay time
t
dOC
–
–
200
µs–
Leakage Current
4.5.12 OFF-state output current
I
QL
––
5
µA
V
OUT = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com