Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
22
1
Notes:
1. General IO – Rise and Fall Times at Drive load 50pF.
2. PCI – Rise and Fall Times at Drive load 10pF.
3. DDR – for LPDDR/Mobile-DDR, slew rate is measured between 20% of VDD_MEM_IO and 80% of VDD_MEM_IO.
4. DDR – for DDR, DDR2, rising signals, slew rate is measured between VDD_MEM_IO × 0.5 and ViHAC. For falling signals, slew
rate is measured between VDD_MEM_IO × 0.5 and ViLAC.
5. DDR – Rise and Fall Times terminated at the destination with 50 ohm to MVTT (0.5 × VDD_MEM_IO), with 4 pF representing the
DDR input capacitance.
7 See Table 7 for the typical drive capability of a specific signal pin based on the type of output driver associated with that pin
as listed in Table 3.
8 All injection current is transferred to V
DD_IO/VDD_MEM_IO. An external load is required to dissipate this current to maintain the
power supply within the specified voltage range.
Total injection current for all digital input-only and all digital input/output pins must not exceed 10 mA. Exceeding this limit can
cause disruption of normal operation.
Table 7. I/O Pads—Drive Current, Slew Rate
Pad Type
Supply Voltage
Drive Select/Slew
Rate Control
Rise time
max (ns)
Fall time
max (ns)
Current
Ioh (mA)
Current
Iol (mA)
SpecID
General IO
VDD_IO = 3.3V
configuration 3 (11)
1.4
1.6
35
35
D3.41
configuration 2 (10)
9.8
12
D3.42
configuration 1 (01)
19
24
D3.43
configuration 0 (00)
140
183
D3.44
DDR
VDD_MEM_IO = 2.5V (DDR)
configuration 3 (011)
2
2
16.2
16.2
D3.45
VDD_MEM_IO = 1.8V (LPDDR) configuration 0 (000)
1
1
4.6
4.6
D3.46
configuration 1 (001)
8.1
8.1
D3.47
VDD_MEM_IO = 1.8V (DDR2) configuration 2 (010)
1
1
5.3
5.3
D3.48
configuration 6 (110)
13.4
13.4
D3.49
PCI
VDD_IO = 3.3V
configuration 1 (1)
1.4
1.4
11
17
D3.50
configuration 0 (0)
2
2
D3.51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com