Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
65
NOTE
Output timing is specified at a nominal 50 pF load.
Figure 45. Timing Diagram – I2C Input/Output
3.3.19
J1850
See the MPC5121e/MPC5123 Reference Manual.
3.3.20
PSC
The Programmable Serial Controllers (PSC) support different modes of operation (UART, Codec, AC97, SPI). UART is an
asynchronous interface, there is no AC characteristic.
3.3.20.1
Codec Mode (8,16,24 and 32-bit)/I2S Mode
NOTE
Output timing is specified at a nominal 50 pF load.
Table 41. Timing Specifications – 8,16, 24, and 32-bit CODEC/I2S Master Mode
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit Clock cycle time, programmed in CCS register
40.0
—
—
ns
A20.1
2
Clock duty cycle
45
50
55
%1
1 Bit Clock cycle time
A20.2
3
Bit Clock fall time
—
—
7.9
ns
A20.3
4
Bit Clock rise time
—
—
7.9
ns
A20.4
5
FrameSync valid after clock edge
—
—
8.4
ns
A20.5
6
FrameSync invalid after clock edge
—
—
8.4
ns
A20.6
7
Output Data valid after clock edge
—
—
9.3
ns
A20.7
8
Input Data setup time
6.0
—
—
ns
A20.8
1
2
3
4
5
6
7
8
9
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com