Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
18
3
Electrical and Thermal Characteristics
3.1
DC Electrical Characteristics
3.1.1
Absolute Maximum Ratings
The tables in this section describe the MPC5121e/MPC5123 DC Electrical characteristics. Table 4 gives the absolute maximum
ratings.
Table 4. Absolute Maximum Ratings1
1 Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed. Stresses
beyond those listed may affect device reliability or cause permanent damage.
Characteristic
Sym
Min
Max
Unit
SpecID
Supply voltage – e300 core and peripheral logic
VDD_CORE
–0.3
1.47
V
D1.1
Supply voltage – I/O buffers
VDD_IO, VDD_MEM_IO
–0.3
3.6
V
D1.2
Input reference voltage (DDR/DDR2)
MVREF
–0.3
3.6
V
Termination Voltage (DDR2)
MVTT
–0.3
3.6
V
Supply voltage – System APLL, System Oscillator
SYS_PLL_AVDD
–0.3
3.6
V
D1.3
Supply voltage – e300 APLL
CORE_PLL_AVDD
–0.3
3.6
V
D1.4
Supply voltage – RTC (Hibernation)
VBAT_RTC
–0.3
3.6
V
D1.5
Supply voltage – FUSE Programming
AVDD_FUSEWR
–0.3
3.6
V
D1.6
Supply voltage – SATA PHY analog
SATA_VDDA_3P3
–0.3
3.6
V
D1.8
Supply voltage – SATA PHY voltage regulator
SATA_VDDA_VREG
–0.3
2.6
V
D1.9
Supply voltage – SATA PHY Tx/Rx
SATA_VDDA_1P2
–0.3
1.47
V
D1.10
Supply voltage – SATA PHY PLL
SATA_PLL_VDDA1P2
–0.3
1.47
V
D1.11
Supply voltage – USB PHY PLL and OSC
USB_PLL_PWR3
–0.3
3.6
V
D1.12
Supply voltage – USB PHY transceiver
USB_VDDA
–0.3
3.6
V
D1.13
Supply voltage – USB PHY bandgap bias
USB_VDDA_BIAS
–0.3
3.6
V
D1.14
Input voltage – USB PHY cable
USB_VBUS
–0.3
3.6
V
D1.15
Input voltage (VDD_IO)
Vin
–0.3
VDD_IO
+0.3
V
D1.16
Input voltage (VDD_MEM_IO)
Vin
–0.3
VDD_MEM_IO
+0.3
V
D1.17
Input voltage (VBAT_RTC)
Vin
–0.3
VBAT_RTC
+0.3
V
D1.18
Input voltage overshoot
Vinos
—
1
V
D1.19
Input voltage undershoot
Vinus
—
1
V
D1.20
Storage temperature range
Tstg
−55
150
oC
D1.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com